PART |
Description |
Maker |
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
615EN-50-CNI 615EN-50-CBL 692CE2Q03202-00 690CE0T0 |
SINGLE, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
HONEYWELL SENSING AND CONTROL CLAROSTAT SENSORS AND CONTROLS INC
|
EMS22T51-D28-LD5 EMS22D30-M25-LP6 EMS22S30-C20-LA6 |
ENCODER - ROTARY MAGNETIC SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
EN16-V22BF20 EN16 EN16-H10AF20 EN16-H10BF20 EN16-H |
16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant ROTARY OPTICAL POSITION ENCODER
|
BITECH[Bi technologies] BI Technologies Corporation
|
351HE0A1ZA 351HE1A1ZA 351HE2A1ZA 351HE3A1ZA 351HE0 |
1/2 mm) Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm) POSITION, ROTARY SENSOR-HALL EFFECT, 270deg ROHS COMPLIANT PACKAGE POSITION, ROTARY SENSOR-HALL EFFECT, 360deg POSITION, ROTARY SENSOR-HALL EFFECT, 90deg POSITION, ROTARY SENSOR-HALL EFFECT, 180deg
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY SPECTROL
|
NSB-256-2MCA-105 NSB-256-2MCA-205 NSB-360-2MCA-105 |
ROTARY OPTICAL POSITION ENCODER
|
Motorola Mobility Holdings, Inc.
|
BMMV58K1N24C12/13C0A |
ROTARY OPTICAL POSITION ENCODER
|
|
MES20-2048P-E3 |
ROTARY OPTICAL POSITION ENCODER
|
Vishay Beyschlag
|
62A11-02-040CH 62A15-02-P 62A01-01-PT |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
HEDL-6505B09 HEDS-6500A07 HEDS-6500J11 HEDS-6505B1 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
62AP11-01-030ST 62AP11-01-130CH 62AP11-01-130S 62A |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. IRC Advanced Film LEDtronics, Inc. GRAYHILL INC
|